Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC30 Datasheet (PDF) - Frontier Electronics.

SAC30 Datasheet PDF - Frontier Electronics.
Part # SAC30
Download  SAC30 Download
File Size   127.51 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS

SAC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC30 Datasheet PDF - Frontier Electronics.

Part # SAC30
Download  SAC30 Click to download

File Size   127.51 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS

SAC30 Datasheet (HTML) - Frontier Electronics.


SAC30 Product details

FEATURES

UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOND

DIFFUSED JUNCTION

LOW COST

LOW JUNCTION CAPACITANCE



MECHANICAL DATA

CASE: MOLDED PLASTIC, CASE: DO15, DIMENSIONS IN INCHES AND (MILLIMETERS)

TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-202, METHOD 208

POLARITY: COLOR BAND DENOTES CATHODE END

MOUNTING POSITION: ANY

WEIGHT: 0.4 GRAMS




Similar Part No. - SAC30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC30 EIC-SAC30 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Weitron Technology
SAC30 WEITRON-SAC30 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC30 TSC-SAC30 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC30 TAITRON-SAC30 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Vishay Siliconix
SAC30 VISHAY-SAC30 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
More results


Similar Description - SAC30

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA5A WTE-SA5A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
TAITRON Components Inco...
SAC5 TAITRON-SAC5 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Micro Commercial Compon...
SAC6.0-TP MCC-SAC6.0-TP Datasheet
525Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
ON Semiconductor
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
Low Capacitance Transient Voltage Suppressors
logo
UN Semiconducctor INC
SAC UNSEMI-SAC Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SACB UNSEMI-SACB Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com