Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1800 Datasheet (PDF) - SONiX Technology Company

SN8P1800 Datasheet PDF - SONiX Technology Company
Part # SN8P1800
Download  SN8P1800 Download
File Size   628.55 Kbytes
Page   129 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P1800 Datasheet PDF - SONiX Technology Company

Part # SN8P1800
Download  SN8P1800 Click to download

File Size   628.55 Kbytes
Page   129 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P1800 Datasheet (HTML) - SONiX Technology Company


SN8P1800 Product details

GENERAL DESCRIPTION
The SN8P1800 is an series of 8-bit micro-controller including SN8P1808. This series is utilized with CMOS technology fabrication and featured with low power consumption and high performance by its unique electronic structure.

FEATURES
➤ SN8P1808
♦ Memory configuration
    OTP ROM size: 4K * 16 bits
    RAM size: 256 * 8 bits (bank 0 and bank 1)
    LCD RAM size: 24 * 3 bits
♦ I/O pin configuration
    Input only: P0, P3
    Output only: P2 shared with LCD segment
    Bi-directional: P1, P4, P5, P6
    Wakeup: P0, P1
    Pull-up resisters: P0, P1, P3, P4, P5, P6
    External interrupt: P0
    Port 3 shared with LCD segment
    All LCD pins shared with the I/O pins
♦ 59 powerful instructions
    Four clocks per instruction cycle
    All of instructions are one word length.
    Most of instructions are one cycle only.
    Maximum instruction cycle is two.
    All ROM area JMP instruction.
    All ROM area lookup table function (MOVC)
    Support hardware multiplier (MUL).
♦ Seven interrupt sources
    Four internal interrupts: T0, TC0, TC1, SIO
    Three external interrupts: INT0, INT1, INT2
♦ A real time clock timer
♦ An 8-bit basic timer with green mode wakeup function
♦ Two 8-bit timer counters with PWM or buzzer
♦ On chip watchdog timer
♦ Eight levels stack buffer
♦ An 8-channel ADC with 8-bit/12-bit resolution
♦ SIO function
♦ LCD driver: 1/3 duty, 1/2 bias. 3 common * 24 segment
♦ Dual clock system offers four operating modes
    External high clock: RC type up to 10 MHz
    External high clock: Crystal type up to 16 MHz
    External Low clock: Crystal 32768Hz
    Normal mode: Both high and low clock active.
    Slow mode: Low clock only.
    Sleep mode: Both high and low clock stop.
    Green mode: Periodical wakeup by timer.
♦ Package
    Chip form: LQFP 64 pins




Similar Part No. - SN8P1800

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P1600 SONIX-SN8P1600 Datasheet
540Kb / 94P
8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
540Kb / 94P
8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
437Kb / 76P
8-Bit Micro-Controller
SN8P1602 SONIX-SN8P1602 Datasheet
431Kb / 76P
8-Bit Micro-Controller
SN8P1602A SONIX-SN8P1602A Datasheet
437Kb / 76P
8-Bit Micro-Controller
More results


Similar Description - SN8P1800

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com