Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB80C188EB25 Datasheet (PDF) - InnovASIC, Inc

SB80C188EB25 Datasheet PDF - InnovASIC, Inc
Part # SB80C188EB25
Download  SB80C188EB25 Download
File Size   1257.43 Kbytes
Page   85 Pages
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc
Description 8-Bit/16-Bit Microcontrollers

SB80C188EB25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB80C188EB25 Datasheet PDF - InnovASIC, Inc

Part # SB80C188EB25
Download  SB80C188EB25 Click to download

File Size   1257.43 Kbytes
Page   85 Pages
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc
Description 8-Bit/16-Bit Microcontrollers

SB80C188EB25 Datasheet (HTML) - InnovASIC, Inc


SB80C188EB25 Product details

Introduction
The Innovasic Semiconductor IA186EB and IA188EB microcontrollers are form, fit, and function replacements for the original Intel® 80C186EB, 80C188EB, 80L186EB, and 80L188EB 16-bit high-integration embedded processors.
These devices are produced using Innovasic’s Managed IC Lifetime Extension System (MILES™). This cloning technology, which produces replacement ICs beyond simple emulations, ensures complete compatibility with the original device, including any ―undocumented features.‖ Additionally, the MILES process captures the clone design in such a way that production of the clone can continue even as silicon technology advances.
The IA186EB and IA188EB microcontrollers replace the obsolete Intel 80C186EB and 80C188EB devices, allowing users to retain existing board designs, software compilers/assemblers, and emulation tools, thereby avoiding expensive redesign efforts.

General Description
The Innovasic Semiconductor IA186EB and IA188EB microcontrollers are an upgrade for the 80C186EB/80C188EB microcontroller designs with integrated peripherals to provide increased functionality and reduce system costs. The IA186EB and IA188EB devices are designed to satisfy requirements of embedded products designed for telecommunications, office automation and storage, and industrial controls.
The IA186EB and IA188EB microcontrollers have a set of base peripherals beneficial to many embedded applications and include a standard numeric interface, an interrupt control unit, a chip select unit, a DRAM refresh control unit, a power management unit, and three 16-bit timer/counters.

Features
The primary features of the IA186EB and IA188EB microcontrollers are as follows:
   ● Low-Power Operating Modes
      – Idle (freezes CPU clocks; peripherals are kept active)
      – Power-Down (freezes all internal clocks)
   ● Low-Power CPU Core (static)
   ● Direct Addressing Capability
      – Memory: 1 Mbyte
      – I/O: 64 Kbyte
   ● I/O Ports
      – 2 each, 8-Bit
      – Multiplexed
   ● Clock Generator
   ● Chip Selects
      – 10 each, Programmable
      – Integral Wait-State Generator
   ● Memory Refresh Control Unit
   ● Interrupt Controller, Programmable
   ● Counter/Timers
      – 3 each, 16-Bit
      – Programmable
   ● Serial Channels
      – 2 each, UARTs
      – Integral Baud Rate Generator
   ● Operating Frequency (system clock input)
      – 50 MHz @ 5V
      – 32 MHz @ 3.3V




Similar Part No. - SB80C188EB25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SB80C188EB25 INTEL-SB80C188EB25 Datasheet
779Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Similar Description - SB80C188EB25

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
8/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
8-Bit/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com