Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5806U Datasheet (PDF) - STMicroelectronics

1N5806U Datasheet PDF - STMicroelectronics
Part # 1N5806U
Download  1N5806U Download
File Size   91.76 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2.5 A fast recovery rectifier

1N5806U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5806U Datasheet PDF - STMicroelectronics

Part # 1N5806U
Download  1N5806U Click to download

File Size   91.76 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2.5 A fast recovery rectifier

1N5806U Datasheet (HTML) - STMicroelectronics


1N5806U Product details

Description

This power ultrafast recovery rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. It is housed in a surface mount hermetically sealed LCC2A package whose footprint is 100% compatible with

industry standard solutions in D5A.



Features

 Aerospace applications

 Surface mount hermetic package

 High thermal conductivity materials

 Very small conduction losses

 Negligible switching losses

 Extremely fast switching

 Low forward voltage drop

 Package mass: 0.12 g

 Target radiation qualification

      – 150 krad (Si) low dose rate

      – 3 Mrad (Si) high dose rate

 ESCC qualified




Similar Part No. - 1N5806U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5806US MICROSEMI-1N5806US Datasheet
318Kb / 2P
MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5806US SENSITRON-1N5806US Datasheet
47Kb / 2P
HERMETIC AXIAL / MELF LEAD RECTIFIER
logo
Microsemi Corporation
1N5806US MICROSEMI-1N5806US Datasheet
112Kb / 2P
SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5806US SEMTECH-1N5806US Datasheet
110Kb / 2P
Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5806US MICROSEMI-1N5806US Datasheet
132Kb / 2P
SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Similar Description - 1N5806U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802-1 MICROSEMI-1N5802-1 Datasheet
46Kb / 3P
2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
STMicroelectronics
1N5811U STMICROELECTRONICS-1N5811U Datasheet
92Kb / 7P
Aerospace 6 A fast recovery rectifier
25-Mar-2010
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
BYW81HR STMICROELECTRONICS-BYW81HR Datasheet
92Kb / 9P
Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier
03-Nov-2010
logo
Nanjing International G...
FR251 DGNJDZ-FR251 Datasheet
268Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR251-2C2.5A-2CDO-15 DGNJDZ-FR251-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR252-2C2.5A-2CDO-15 DGNJDZ-FR252-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR256-2C2.5A-2CDO-15 DGNJDZ-FR256-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR2572.5A-2CDO-15 DGNJDZ-FR2572.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com