Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5811U Datasheet (PDF) - STMicroelectronics

1N5811U Datasheet PDF - STMicroelectronics
Part # 1N5811U
Download  1N5811U Download
File Size   92.78 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 6 A fast recovery rectifier

1N5811U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5811U Datasheet PDF - STMicroelectronics

Part # 1N5811U
Download  1N5811U Click to download

File Size   92.78 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 6 A fast recovery rectifier

1N5811U Datasheet (HTML) - STMicroelectronics


1N5811U Product details

Description
This power ultrafast recovery rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. It is housed in a surface mount hermetically sealed LCC2B package whose footprint is 100% compatible with industry standard solutions in D5B.
The 1N5811U is suitable for switching mode power supplies and high frequency DC to DC converters such as low voltage high frequency inverter, free wheeling or polarity protection .

Features
■ Aerospace applications
■ Surface mount hermetic package
■ High thermal conductivity materials
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop
■ Package mass: 0.18 g
■ Target radiation qualification
    – 150 krad (Si) low dose rate
    – 3 Mrad (Si) high dose rate
■ ESCC qualified




Similar Part No. - 1N5811U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5811URS MICROSEMI-1N5811URS Datasheet
131Kb / 7P
VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N5811US SENSITRON-1N5811US Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Microsemi Corporation
1N5811US MICROSEMI-1N5811US Datasheet
399Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5811US SEMTECH-1N5811US Datasheet
110Kb / 2P
Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5811US MICROSEMI-1N5811US Datasheet
166Kb / 3P
SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Similar Description - 1N5811U

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PR6001 FUJI-PR6001 Datasheet
679Kb / 1P
6 AMP FAST RECOVERY RECTIFIER
RKBPC6005 FUJI-RKBPC6005 Datasheet
795Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TF601 TAITRON-TF601 Datasheet
141Kb / 3P
6 Amp Fast Recovery Rectifier
logo
Micro Commercial Compon...
TFR602G MCC-TFR602G Datasheet
1Mb / 2P
6 Amp Fast Recovery Rectifier 120 Volts
logo
STMicroelectronics
1N5806U STMICROELECTRONICS-1N5806U Datasheet
91Kb / 7P
Aerospace 2.5 A fast recovery rectifier
25-Mar-2010
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
BYW81HR STMICROELECTRONICS-BYW81HR Datasheet
92Kb / 9P
Aerospace 1 x 15 A and 2 x 15 A - 200 V fast recovery rectifier
03-Nov-2010
logo
Micro Commercial Compon...
FR6J MCC-FR6J_13 Datasheet
249Kb / 4P
6 Amp Fast Recovery Rectifier 600 Volts
FR6J-TP MCC-FR6J-TP Datasheet
249Kb / 4P
6 Amp Fast Recovery Rectifier 600 Volts
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com