Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet (PDF) - STMicroelectronics

TS4999 Datasheet PDF - STMicroelectronics
Part # TS4999
Download  TS4999 Download
File Size   721.74 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects

TS4999 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4999 Datasheet PDF - STMicroelectronics

Part # TS4999
Download  TS4999 Click to download

File Size   721.74 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects

TS4999 Datasheet (HTML) - STMicroelectronics


TS4999 Product details

Description
The TS4999 is a stereo fully-differential class D power amplifier. It can drive up to 1.35 W into a 8 Ω load at 5 V per channel. The device has four different gain settings utilizing two discrete pins, G0 and G1.

Features
■ Operates from VCC = 2.4 to 5.5 V
■ Dedicated standby mode active low/channel
■ Output power per channel: 2.8 W at 5 V into 4 Ωwith 10% THD+N or 0.7 W at 3.6 V into 8 Ω with 1% THD+N max.
■ Selectable 3D sound effect
■ Four gain setting steps: 3.5, 6, 9.5 and 12 dB
■ Low current consumption
■ PSSR: 63 dB typical at 217 Hz.
■ Fast start up phase: 7.8 ms
■ Short-circuit and thermal shutdown protection
■ Flip chip 18-bump lead-free package

Applications
■ Cellular phones
■ PDAs
■ Notebook PCs




Similar Part No. - TS4999

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
18-Dec-2008
More results


Similar Description - TS4999

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
2.8 W filter-free mono class D audio power amplifier
18-Jan-2010
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
11-Jun-2009
logo
Texas Instruments
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
18-Dec-2008
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com