Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics TS4999 Datasheet HTML 10Page - STMicroelectronics TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TS4999
Electrical characteristics
9/36
.
Table 9.
VCC = +3.6V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, both channels
3.5
5.5
mA
ISTANDBY Standby current
No input signal, Vstdby = GND
1
2
μA
Voo
Output offset voltage
Floating inputs, RL = 8
Ω, G = 3.5dB,
3D effect off
20
mV
Po
Output power
THD = 1% max, F = 1kHz, RL = 4Ω
1.15
W
THD = 1% max, F = 1kHz, RL = 8Ω
0.7
THD = 10% max, F = 1kHz, RL = 4Ω
1.45
W
THD = 10% max, F = 1kHz, RL = 8Ω
0.86
W
THD+N
Total harmonic distortion +
noise
Po = 0.45W/Ch, G = 6dB, F=1kHz,
RL = 8Ω
0.15
%
Efficiency Efficiency per channel
Po = 1.15 WRMS, RL = 4Ω +15µH
82
%
Po = 0.7 WRMS, RL = 8Ω + 15µH
89
PSRR
Power supply rejection ratio
with inputs grounded
Cin = 1µF
(1),3D effects off
F = 217Hz, RL = 8Ω, gain = 6dB,
Vripple = 200mVpp, inputs grounded
64
dB
Crosstalk Channel separation
F = 1kHz, RL = 8Ω,
3D effects off
102
dB
CMRR
Common mode rejection
ratio
Cin=1µF, F = 217Hz, RL = 8Ω, gain = 6dB,
ΔVIC = 200mVpp, 3D effects off
55
dB
Gain
Gain value with no load
G1 = G0 = "0"
3
3.5
4
dB
G1 = "0" & G0 = "1"
5.5
6
6.5
G1 = "1" & G0 = "0"
9
9.5
10
G1 = G0 = "1"
11.5
12
12.5
ZIN
Single-ended input
impedance referred to GND
G1 = G0 = 3D = "0" or
G1 = "0" & G0 = "1" & 3D = "0" or
G1 = "1" & G0 = "0" & 3D = "0"
24
30
36
k
Ω
G1 = "1" & G0 = "1" & 3D = "0"
12
15
18
k
Ω
G1 = G0 = "0" & 3D = "1" or
G1 = "0" & G0 = "1" & 3D = "1" or
G1 = "1" & G0 = "0" & 3D = "1"
13.5
17.1
20.5
k
Ω
G1 = "1" & G0 = "1" & G3D = "1"
6.5
8.6
10.5
k
Ω
FPWM
Pulse width modulator
base frequency
190
280
370
kHz
SNR
Signal to noise ratio
Po = 0.67W, A-weighting, RL = 8Ω,
Gain = 6dB, 3D effects OFF
97
dB
tWU
Wake-up time
Total wake-up time(2)
7.5
11.3
15
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com