Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 18Page - STMicroelectronics TS4999 Datasheet HTML 19Page - STMicroelectronics TS4999 Datasheet HTML 20Page - STMicroelectronics TS4999 Datasheet HTML 21Page - STMicroelectronics TS4999 Datasheet HTML 22Page - STMicroelectronics TS4999 Datasheet HTML 23Page - STMicroelectronics TS4999 Datasheet HTML 24Page - STMicroelectronics TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Electrical characteristics
TS4999
22/36
Figure 46.
PSRR vs. frequency
(3D effect on)
Figure 47.
CMRR vs. frequency
(3D effect off)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Inputs grounded
Vcc = 2.5V, 3D effect on
Vripple = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Vcc = 5V, 3D effect off
ΔVic = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20
Figure 48.
CMRR vs. frequency
(3D effect off)
Figure 49.
CMRR vs. frequency
(3D effect off)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Vcc = 3.6V, 3D effect off
ΔVic = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Vcc = 2.5V, 3D effect off
ΔVic = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20
Figure 50.
CMRR vs. frequency
(3D effect on)
Figure 51.
CMRR vs. frequency
(3D effect on)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Vcc = 5V, 3D effect on
ΔVic = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=+6dB
Frequency (Hz)
Vcc = 3.6V, 3D effect on
ΔVic = 200mVpp
Cin = 10
μF
RL = 8
Ω +≥ 15μH
Tamb = 25
°C
G=+9.5dB
G=+12dB
G=+3.5dB
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com