Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4999 Datasheet HTML 1Page - STMicroelectronics TS4999 Datasheet HTML 2Page - STMicroelectronics TS4999 Datasheet HTML 3Page - STMicroelectronics TS4999 Datasheet HTML 4Page - STMicroelectronics TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TS4999
Application information
5/36
2
Application information
Figure 1.
Typical application schematic
Note:
See Section 4.9: Output filter considerations on page 29.
TS4999
Left speaker
Right speaker
Cin
Cin
Left IN+
Left IN-
Differential
Left Input
Cin
Cin
Right IN+
Right IN-
Differential
Right Input
Standby C ontrol
VCC
CsL
1uF
Cs
0.1uF
Gain Select
Control
CsR
1uF
3D Effect
Control
VCC
VCC
Gain
Select
Oscillator
PWM
PWM
Gain
Select
Standby
Control
Protection
Circuit
Bridge
H
Bridge
H
Lin+
Lin-
G0
G1
Rin+
Rin-
STBYL
STBYR
Lout+
A5
A7
E5
E7
E3
A3
D2
E1
C5
C3
B2
A1
Lout-
Rout+
Rout-
RPVCC
PGN D
AGND
AVC C
LPVCC
Table 4.
External component description
Components
Functional description
CS, CSL, CSR
Supply capacitor that provides power supply filtering.
Cin
Input coupling capacitors that block the DC voltage at the amplifier input terminal.
The capacitors also form a high pass filter with Zin
(Fcl = 1 / (2 x π x Zin x Cin)). Note that the value of Zin changes with each gain setting.
These coupling capacitors are mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com