Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics TS4999 Datasheet HTML 14Page - STMicroelectronics TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics TS4999 Datasheet HTML 17Page - STMicroelectronics TS4999 Datasheet HTML 18Page - STMicroelectronics TS4999 Datasheet HTML 19Page - STMicroelectronics TS4999 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Electrical characteristics
TS4999
16/36
Figure 10.
Efficiency vs. output power
(one channel)
Figure 11.
Efficiency vs. output power
(one channel)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
Power dissipation
Vcc = 5V
RL = 8
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency
0.00.1
0.20.3
0.4
0.5
0.60.7
0.80.9
0
20
40
60
80
100
0.00
0.05
0.10
0.15
Power dissipation
Vcc = 3.6V
RL = 8
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency
Figure 12.
Efficiency vs. output power
(one channel)
Figure 13.
THD+N vs. output power
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
Power dissipation
Vcc = 2.5V
RL = 8
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency
0.01
0.1
1
0.1
1
10
Vcc=2.5V
Vcc=3.6V
F = 1kHz
RL = 4
Ω + 15μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
Output power (W)
Vcc=5V
Figure 14.
THD+N vs. output power
Figure 15.
THD+N vs. output power
0.01
0.1
1
0.1
1
10
Vcc=2.5V
Vcc=3.6V
F = 1kHz
RL = 4
Ω + 30μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
Output power (W)
Vcc=5V
0.01
0.1
1
0.1
1
10
Vcc=2.5V
Vcc=3.6V
F = 1kHz
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
Output power (W)
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com