Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 20Page - STMicroelectronics TS4999 Datasheet HTML 21Page - STMicroelectronics TS4999 Datasheet HTML 22Page - STMicroelectronics TS4999 Datasheet HTML 23Page - STMicroelectronics TS4999 Datasheet HTML 24Page - STMicroelectronics TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Application information
TS4999
24/36
4
Application information
4.1
Differential configuration principle
The TS4999 is a monolithic fully-differential input/output class D stereo power amplifier. The
TS4999 also features 3D effect enhancement that can be switched on or off by one digital
pin. Additionally, since the load is connected differentially compared to a single-ended
topology, the output is four times higher for the same power supply voltage.
A fully-differential amplifier offers the following advantages.
●
A high PSRR (power supply rejection ratio).
●
A high common mode noise rejection.
●
Virtually zero pop with no additional circuitry, giving a faster start-up time compared to
conventional single-ended input amplifiers.
●
Easier interfacing with differential output audio DACs.
4.2
Gain settings
In the flat region of the frequency-response curve (no input coupling capacitor or internal
feedback loop + load effect), the differential gain can be set to 3.5, 6, 9.5 or 12 dB,
depending on the logic level of the G0 and G1 pins, as shown in Table 11.
Note:
Between pins G0, G1 and GND there is an internal 300 k
Ω (+/-20%) resistor. When the pins
are floating, the gain is 6 dB. In full standby (left and right channels OFF), these resistors
are disconnected (HiZ input).
4.3
3D effect enhancement
The TS4999 features 3D audio effects which can be switched off and switched on through
input pin 3D when used as a digital interface. The relation between the logic level of this pin
and the on/off 3D effect is shown in Table 3 on page 4 and Table 7 on page 6.
The 3D audio effect evokes the perception of spatial hearing of stereo audio signals and
improves this effect in cases where the stereo speakers are too close to each other, such as
in small or portable devices.
The perceived amount of 3D effect also depends on many factors such as speaker position,
distance between speakers, listener/frequency spectrum of the audio signal, as well as the
difference of signal between the left and right channel.
Table 11.
Gain settings with G0 and G1 pins
G1
G0
Gain (dB)
Gain (V/V)
00
3.5
1.5
016
2
10
9.5
3
11
12
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com