Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics TS4999 Datasheet HTML 29Page - STMicroelectronics TS4999 Datasheet HTML 30Page - STMicroelectronics TS4999 Datasheet HTML 31Page - STMicroelectronics TS4999 Datasheet HTML 32Page - STMicroelectronics TS4999 Datasheet HTML 33Page - STMicroelectronics TS4999 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Application information
TS4999
30/36
Figure 61.
LC output filter with RC network
4.10
Short-circuit protection
The TS4999 includes an output short-circuit protection. This protection prevents the device
from being damaged when faults occur on the amplifier outputs.
When a channel is in operating mode and a short-circuit occurs between two outputs of the
channel or between an output and ground, the short-circuit protection detects this situation
and puts the appropriate channel into standby mode. To put the channel back into operating
mode, it is necessary to put the channel’s standby pin to logical LO and then back to logical
HI and wake-up the channel.
4.11
Thermal shutdown
The TS4999 device has an internal thermal shutdown protection mechanism to protect the
device from overheating in the event of extreme temperatures. The thermal shutdown
mechanism is activated when the device reaches 150° C. When the temperature decreases
to safe levels (around 135° C), the circuit switches back to normal operation.
Table 12.
Example of component selection
Component
RL = 4 Ω
RL = 8 Ω
L1
15
μH / 1.4A
30
μH / 0.7A
L2
15
μH / 1.4A
30
μH / 0.7A
C1
2
μF / 10V
1
μF / 10V
C2
2
μF / 10V
1
μF / 10V
C3
1
μF / 10V
1
μF / 10V
R22
Ω / 0.25W
47
Ω / 0.25W
from TS2007
L
LC Output Filter
L1
C1
L2
C3
R
C2
R
OUT+
OUT-
RC network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com