Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 14Page - STMicroelectronics TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics TS4999 Datasheet HTML 17Page - STMicroelectronics TS4999 Datasheet HTML 18Page - STMicroelectronics TS4999 Datasheet HTML 19Page - STMicroelectronics TS4999 Datasheet HTML 20Page - STMicroelectronics TS4999 Datasheet HTML 21Page - STMicroelectronics TS4999 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Electrical characteristics
TS4999
18/36
Figure 22.
THD+N vs. frequency
Figure 23.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=750mW
Po=1500mW
Frequency (Hz)
Vcc = 5V
RL = 4
Ω + 30μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
100
1000
10000
0.01
0.1
1
10
Po=450mW
Po=900mW
Frequency (Hz)
Vcc = 5V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
Figure 24.
THD+N vs. frequency
Figure 25.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=225mW
Po=450mW
Frequency (Hz)
Vcc = 3.6V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
100
1000
10000
0.01
0.1
1
10
Po=100mW
Po=200mW
Frequency (Hz)
Vcc = 2.5V
RL = 8
Ω + 15μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
Figure 26.
THD+N vs. frequency
Figure 27.
THD+N vs. frequency
100
1000
10000
0.01
0.1
1
10
Po=450mW
Po=900mW
Frequency (Hz)
Vcc = 5V
RL = 8
Ω + 30μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
100
1000
10000
0.01
0.1
1
10
Po=225mW
Po=450mW
Frequency (Hz)
Vcc = 3.6V
RL = 8
Ω + 30μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com