Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 23Page - STMicroelectronics TS4999 Datasheet HTML 24Page - STMicroelectronics TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics TS4999 Datasheet HTML 29Page - STMicroelectronics TS4999 Datasheet HTML 30Page - STMicroelectronics TS4999 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
TS4999
Application information
27/36
Figure 57.
Wake-up phase
When the standby command is set, the time required to set the output stage to high
impedance and to put the internal circuitry in shutdown mode is called the standby time.
This time is used to decrease the gain from its nominal value set by the digital pins G0 and
G1 to mute and avoid any pop noise during shutdown. The gain decreases smoothly until
the outputs are muted. See Figure 58: Shutdown phase.
Figure 58.
Shutdown phase
Preset gain
Gain increasing
t
WU-A
t
WU
t
WU-B
STBY
Mute
Time
Time
Gain
STBY
Level
STBY
LO
HI
Mute
Preset gain
t
STBY
STBY
Time
Time
Gain
STBY
Level
Gain decreasing
LO
HI
Mute
STBY
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com