Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics TS4999 Datasheet HTML 10Page - STMicroelectronics TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics TS4999 Datasheet HTML 14Page - STMicroelectronics TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical characteristics
TS4999
12/36
tSTBY
Standby time
Standby time(2)
812
16
ms
VN
Output voltage noise
F = 20Hz to 20kHz, A-Weighted,
Gain = 3.5dB
Filterless, 3D effect off, RL = 4Ω
Filterless, 3D effect on, RL = 4Ω
With LC output filter, 3D effect off, RL = 4Ω
With LC output filter, 3D effect on, RL = 4Ω
Filterless, 3D effect off, RL = 8Ω
Filterless, 3D effect on, RL = 8Ω
With LC output filter, 3D effect off, RL = 8Ω
With LC output filter, 3D effect on, RL = 8Ω
28
47
27
45
28
48
28
47
μVRMS
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the super-imposed sinus signal to VCC at f = 217 Hz
with fixed Cin cap (input decoupling capacitor).
2.
See Section 4.6: Wakeup (tWU) and shutdown (tSTBY) times on page 26.
Table 10.
VCC = +2.5 V, GND = 0V, Tamb = 25° C (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com