Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 21Page - STMicroelectronics TS4999 Datasheet HTML 22Page - STMicroelectronics TS4999 Datasheet HTML 23Page - STMicroelectronics TS4999 Datasheet HTML 24Page - STMicroelectronics TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics TS4999 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TS4999
Application information
25/36
In some cases, the speaker volume can increase when the 3D effect is switched on. This
factor is dependent on the composition and frequency spectrum of listened stereo audio
signal.
Note:
1
When the 3D effect is switched on, both channels must be in operation or shutdown mode at
the same time.
2
Between pin 3D and GND there is an internal 300 k
Ω (+/-20%) resistor. When the pin is
floating, the 3D effect is off. In full standby (left and right channels OFF), this resistor is
disconnected (HiZ input).
4.4
Low frequency response
If a low frequency bandwidth limitation is required, input coupling capacitors can be used. In
the low frequency region, the input coupling capacitor Cin starts to have an effect. Cin forms,
with the input impedance Zin, a first order high-pass filter with a -3 dB cut-off frequency.
So, for a desired cut-off frequency FCL, Cin is calculated as follows:
with FCL in Hz, Zin in Ω and Cin in F.
The input impedance Zin is for the whole power supply voltage range and changes with the
gain setting. There is also a tolerance around the typical values (see Table 8, Table 9 and
Table 10.
Figure 56.
Cut-off frequency vs. input capacitor
F
CL
1
2
π Z
in
C
in
⋅⋅
⋅
--------------------------------------------
=
C
in
1
2
π Z
in
F
CL
⋅⋅
⋅
----------------------------------------------
=
0.1
1
1
10
100
G=3.5dB, 6dB, 9.5dB
3D on, Zin=17.1k
Ω typ.
G=3.5dB, 6dB, 9.5dB
3D off, Zin=30k
Ω typ.
G=12dB, 3D on
Zin=8.6k
Ω typ.
G=12dB, 3D off
Zin=15k
Ω typ.
Tamb=25
°C
Input Capacitor Cin (
μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com