Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4999 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics TS4999 Datasheet HTML 17Page - STMicroelectronics TS4999 Datasheet HTML 18Page - STMicroelectronics TS4999 Datasheet HTML 19Page - STMicroelectronics TS4999 Datasheet HTML 20Page - STMicroelectronics TS4999 Datasheet HTML 21Page - STMicroelectronics TS4999 Datasheet HTML 22Page - STMicroelectronics TS4999 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TS4999
Electrical characteristics
19/36
Figure 28.
THD+N vs. frequency
Figure 29.
Output power vs. power supply
voltage
100
1000
10000
0.01
0.1
1
10
Po=100mW
Po=200mW
Frequency (Hz)
Vcc = 2.5V
RL = 8
Ω + 30μH
G = +6dB
BW < 30kHz
Tamb = 25
°C
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RL=8
Ω +≥15μH
RL=4
Ω +≥15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
Supply voltage (V)
Figure 30.
Output power vs. power supply
voltage
Figure 31.
Crosstalk vs. frequency
(3D effect off)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
RL=8
Ω +≥15μH
RL=4
Ω +≥15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
Supply voltage (V)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Po=500mW
Po=1500mW
Po=1000mW
Frequency (Hz)
Vcc = 5V
RL = 4
Ω +≥15μH
G = +6dB
Cin = 1
μF
Tamb = 25
°C
Po=1800mW
20
Figure 32.
Crosstalk vs. frequency
(3D effect off)
Figure 33.
Crosstalk vs. frequency
(3D effect off)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Po=250mW
Po=750mW
Po=500mW
Frequency (Hz)
Vcc = 3.6V
RL = 4
Ω +≥15μH
G = +6dB
Cin = 1
μF
Tamb = 25
°C
Po=900mW
20
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Po=125mW
Po=325mW
Po=250mW
Frequency (Hz)
Vcc = 2.5V
RL = 4
Ω +≥15μH
G = +6dB
Cin = 1
μF
Tamb = 25
°C
Po=450mW
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com