Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet (PDF) - Sony Corporation

CXP87452 Datasheet PDF - Sony Corporation
Part # CXP87452
Download  CXP87452 Download
File Size   598.31 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87452 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXP87452 Datasheet PDF - Sony Corporation

Part # CXP87452
Download  CXP87452 Click to download

File Size   598.31 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 8-bit Single Chip Microcomputer

CXP87452 Datasheet (HTML) - Sony Corporation


CXP87452 Product details

Description
The CXP87452/87460 is a CMOS 8-bit microcomputer which consists of A/D converter, serial interface (2ch independently), timer/counter, time base timer, vector interruption, high precision timing pattern generation circuit (PPG 2ch independently, RTG 2ch independently), PWM generator, general purpose prescaler, PWM for tuner, VCR vertical sync separation circuit and the measuring circuit which measure signals of capstan FG and drum FG/PG and other servo systems, as well as basic configurations like 8-bit CPU, ROM, RAM and I/O port. They are integrated into a single chip.
Also CXP87452/87460 provides power on reset function, sleep/stop function which enables to lower power consumption .

Features
• A wide instruction set (213 instructions) which cover various types of data
    — 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle During operation 333ns/12MHz (3.0 to 5.5V) During operation 250ns/16MHz (4.5 to 5.5V)
• Incorporated ROM capacity 52K bytes (CXP87452) 60K bytes (CXP87460)
• Incorporated RAM capacity 1568 bytes
• Peripheral functions
    — A/D converter 8-bit, 12-channel, successive approximation system (Conversion time: 20µs/16MHz)
    — Serial interface Incorporated buffer RAM (1 to 32 bytes auto transfer) 1-channel Incorporated 8-bit and 8-stage FIFO (1 to 8 bytes auto transfer) 1-channel
    — Timer 8-bit timer, 8-bit timer/counter, 19-bit time base timer
    — High precision timing pattern generator PPG 19 pins 32-stage programmable PPG 10 pins 21-stage programmable RTG 5 pins 2-channel
    — PWM/DA gate output PWM 12-bit, 2-channel (Repetitive frequency 62.5kHz/16MHz) DA gate pulse 12-bit, 4-channel
    — Servo input control Capstan FG, Drum FG/PG, CTL input
    — VSYNC separator
    — FRC capture unit Incorporated 26-bit and 8-stage FIFO
    — PWM output 14-bit, 1-channel
    — General purpose prescaler 10-bit (System clock asynchronous)
    — Pulse cycle measurement circuit
• Interruption 18 factors, 14 vectors, multi-interruption possible
• Standby mode SLEEP/STOP
• Package 100-pin plastic QFP/LQFP
• Piggyback/evaluation chip CXP87400 100-pin ceramic QFP/LQFP




Similar Part No. - CXP87452

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87400 SONY-CXP87400 Datasheet
549Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP874P60 SONY-CXP874P60 Datasheet
599Kb / 32P
CMOS 8-bit Single Chip Microcomputer
More results


Similar Description - CXP87452

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com