Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 1 Page - Sony Corporation

  CXP87452 Datasheet HTML 1Page - Sony Corporation CXP87452 Datasheet HTML 2Page - Sony Corporation CXP87452 Datasheet HTML 3Page - Sony Corporation CXP87452 Datasheet HTML 4Page - Sony Corporation CXP87452 Datasheet HTML 5Page - Sony Corporation CXP87452 Datasheet HTML 6Page - Sony Corporation CXP87452 Datasheet HTML 7Page - Sony Corporation CXP87452 Datasheet HTML 8Page - Sony Corporation CXP87452 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Description
The CXP87452/87460 is a CMOS 8-bit micro-
computer which consists of A/D converter, serial
interface (2ch independently), timer/counter, time
base timer, vector interruption, high precision timing
pattern generation circuit (PPG 2ch independently,
RTG 2ch independently), PWM generator, general
purpose prescaler, PWM for tuner, VCR vertical
sync separation circuit and the measuring circuit
which measure signals of capstan FG and drum
FG/PG and other servo systems, as well as basic
configurations like 8-bit CPU, ROM, RAM and I/O
port. They are integrated into a single chip.
Also CXP87452/87460 provides power on reset
function, sleep/stop function which enables to lower
power consumption .
Features
• A wide instruction set (213 instructions) which cover various types of data
— 16-bit arithmetic instruction/multiplication and division instructions/boolean bit operation instruction
• Minimum instruction cycle
During operation 333ns/12MHz (3.0 to 5.5V)
During operation 250ns/16MHz (4.5 to 5.5V)
• Incorporated ROM capacity
52K bytes (CXP87452)
60K bytes (CXP87460)
• Incorporated RAM capacity
1568 bytes
• Peripheral functions
— A/D converter
8-bit, 12-channel, successive approximation system
(Conversion time: 20µs/16MHz)
— Serial interface
Incorporated buffer RAM (1 to 32 bytes auto transfer) 1-channel
Incorporated 8-bit and 8-stage FIFO
(1 to 8 bytes auto transfer) 1-channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
— High precision timing pattern generator
PPG 19 pins 32-stage programmable
PPG 10 pins 21-stage programmable
RTG 5 pins 2-channel
— PWM/DA gate output
PWM 12-bit, 2-channel (Repetitive frequency 62.5kHz/16MHz)
DA gate pulse 12-bit, 4-channel
— Servo input control
Capstan FG, Drum FG/PG, CTL input
— VSYNC separator
— FRC capture unit
Incorporated 26-bit and 8-stage FIFO
— PWM output
14-bit, 1-channel
— General purpose prescaler
10-bit (System clock asynchronous)
— Pulse cycle measurement circuit
• Interruption
18 factors, 14 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP/LQFP
• Piggyback/evaluation chip
CXP87400 100-pin ceramic QFP/LQFP
Structure
Silicon gate CMOS IC
– 1 –
CXP87452/87460
E95111-PS
CMOS 8-bit Single Chip Microcomputer
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (PIastic)
100 pin LQFP (PIastic)


Similar Part No. - CXP87452

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP87400 SONY-CXP87400 Datasheet
549Kb / 8P
CMOS 8-bit Single Chip Microcomputer
CXP874P60 SONY-CXP874P60 Datasheet
599Kb / 32P
CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP87452

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com