Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 8Page - Sony Corporation CXP87452 Datasheet HTML 9Page - Sony Corporation CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
– 12 –
CXP87452/87460
IP
Schmitt input
To SIO
SO0 output enable
SO0 from SIO
IP
Schmitt input
Pull-up resistor
From power on reset circuit
(mask option)
Mask option
OP
IP
CPU mode
IP
OSCI
OSCO
Fig. 1
IP
Fig. 2
Data bus
PI0/PCK
or PK0
Note) Circuit format of Fig. 1 or Fig. 2 can be
selected with mask option.
RD
Port I
Port K
CS0
SI0
2 pins
Hi-Z
SO0
2 pins
RST
1 pin
L level
MP
1 pin
Hi-Z
Port I
Port K
Oscillation
Hi-Z
PI0/PCK/OSCI
PK0/OSCO
2 pins
SCK0 output enable
Internal serial clock
from SIO
IP
Schmitt input
External serial clock to SIO
IP
EXTAL
XTAL
• Shows the circuit
composition during
oscillation.
• Feedback resistor is
removed during stop.
1 pin
Hi-Z
SCK0
1 pin
Hi-Z
EXTAL
XTAL
Oscillation
Pin
When reset
Circuit format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com