Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 25 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 25 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 21Page - Sony Corporation CXP87452 Datasheet HTML 22Page - Sony Corporation CXP87452 Datasheet HTML 23Page - Sony Corporation CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation CXP87452 Datasheet HTML 29Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
– 25 –
CXP87452/87460
External interruption
high and low level widths
Reset input low level width
INT0
INT1
INT2
PJ0 to PJ7
RST
1
32/fc
µs
µs
Item
Symbol
Pin
Condition
Min.
Max.
Unit
tIH
tIL
tRSL
(4) Interruption, reset input
(Ta = –20 to +75°C, VDD = 3.0 to 5.5V, Vss = 0V)
0.2VDD
0.8VDD
tIH
tIL
INT0
INT1
INT2
PJ0 to PJ7
(During standby release input)
(Falling edge)
Fig. 8. Interruption input timing
tRSL
0.2VDD
RST
Fig. 9. Reset input timing
Power supply rising edge
Power supply cut-off time
tR
tOFF
VDD
Power on reset
Repetitive power on reset
0.05
1
30
ms
ms
Item
Symbol Pin
Condition
Min.
Max.
Unit
(5) Power on reset
Power on reset∗
(Ta = –20 to +75°C, VDD = 3.0 to 5.5V, Vss = 0V)
0.2V
0.2V
3.0V
VDD
tR
tOFF
The power supply should rise smoothly.
Fig. 10. Power on reset
∗ Specifies only when power on reset function is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com