Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 9Page - Sony Corporation CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation CXP87452 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
– 13 –
CXP87452/87460
∗1 AV
DD
and VDD should be set to a same voltage.
∗2 V
IN
and VOUT should not exceed VDD + 0.3V. (CS0, SI0, PG and PH excluded.)
∗3 The large current operation transistors are the N-CH transistors of the PD and PH ports.
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
better take place under the recommended operating conditions. Exceeding those conditions may
adversely affect the reliability of the LSI.
Power supply voltage
Input voltage
Output voltage
High level output current
High level total output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
AVDD
AVSS
VIN
VOUT
IOH
∑IOH
IOL
IOLC
∑IOL
Topr
Tstg
PD
Low level output current
–0.3 to +7.0
AVss to +7.0∗1
–0.3 to +0.3
–0.3 to +7.0∗2
–0.3 to +7.0∗2
–5
–50
15
20
130
–20 to +75
–55 to +150
600
380
V
V
V
V
V
mA
mA
mA
mA
mA
°C
°C
mW
Total of output pins
Other than large current output
pins: per pin
Large current output pin∗3: per pin
Total of output pins
QFP
LQFP
Item
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com