Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 7Page - Sony Corporation CXP87452 Datasheet HTML 8Page - Sony Corporation CXP87452 Datasheet HTML 9Page - Sony Corporation CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
– 11 –
CXP87452/87460
PI1: From general purpose prescaler
PI2: From 14-bit PWM
PI3: From timer/counter
MPX
Port I data
IP
Data bus
RD (Port I)
Port I direction
Port I
function select
PI4: To interruption circuit
PI7: To serial CH1
Port I data
IP
Data bus
RD (Port I)
Port I direction
Schmitt input
MPX
Port I data
IP
Data bus
RD (Port I)
Port I direction
Port I
function select
MPX
To serial CH1
From serial CH1
Note)
PI5 is schmitt input
PI6 is inverter input
Standby release
Port J data
IP
Data bus
RD
(Port J)
Port J direction
Edge detection
Port I
Port I
Port I
Port J
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PI1/PO
PI2/PWM
PI3/TO
3 pins
PI4/INT1
PI7/SI1
2 pins
PI5/SCK1
PI6/SO1
2 pins
PJ0
to
PJ7
8 pins
Pin
When reset
Circuit format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com