Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 32 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 32 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation CXP87452 Datasheet HTML 29Page - Sony Corporation CXP87452 Datasheet HTML 30Page - Sony Corporation CXP87452 Datasheet HTML 31Page - Sony Corporation CXP87452 Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
– 32 –
CXP87452/87460
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER PLATING
COPPER / 42 ALLOY
PACKAGE STRUCTURE
23.9 ± 0.4
QFP-100P-L01
DETAIL A
M
100PIN QFP (PLASTIC)
20.0 – 0.1
+ 0.4
0° to 15°
0.15 – 0.05
+ 0.1
2.75 – 0.15
+ 0.35
A
0.65
±0.12
0.15
∗QFP100-P-1420-A
1.4g
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY/PHENOL RESIN
SOLDER PLATING
42 ALLOY
PACKAGE STRUCTURE
DETAIL A
LQFP-100P-L01
∗QFP100-P-1414-A
100PIN LQFP (PLASTIC)
16.0 ± 0.2
∗
14.0 ± 0.1
75
51
50
26
25
1
76
0.5 ± 0.08
0.18 – 0.03
+ 0.08
(0.22)
A
1.5 – 0.1
+ 0.2
0.127 – 0.02
+ 0.05
0° to 10°
0.1 ± 0.1
100
0.1
NOTE: Dimension “
∗” does not include mold protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com