Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 14 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation CXP87452 Datasheet HTML 17Page - Sony Corporation CXP87452 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
– 14 –
CXP87452/87460
Analog power supply
High level
input voltage
Low level
input voltage
Operating temperature
Power supply voltage
5.5
5.5
5.5
5.5
VDD
VDD
5.5
5.5
VDD + 0.3
VDD + 0.2
0.3VDD
0.2VDD
0.2VDD
0.8
0.4
0.2
+75
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
Item
Symbol
Min.
Max.
Unit
Remarks
3.0
2.7
2.5
3.0
0.7VDD
0.8VDD
2.2
VDD – 0.4
VDD – 0.2
0
0
0
–0.3
–0.3
–20
AVDD
VIH
VIHS
VIHTS
VIHEX
VIL
VILS
VILTS
VILEX
Topr
Guaranteed range during high speed mode
(1/2 dividing clock) operation
Guaranteed range during low speed mode
(1/16 dividing clock) operation
Guaranteed data hold operation range
during STOP
∗1
∗2
CMOS schmitt input∗3 and PE0/INT0 pins
CMOS schmitt input∗4
TTL schmitt input∗5, ∗8
EXTAL pin∗6, ∗8
EXTAL pin∗6, ∗7
∗2, ∗8
∗2, ∗7
CMOS schmitt input∗3, ∗4 and PE0/INT0 pins
TTL schmitt input∗5, ∗8
EXTAL pin∗6, ∗8
EXTAL pin∗6, ∗7
VDD
∗1 AV
DD
and VDD should be set to a same voltage.
∗2 Normal input port (each pin of PC, PD, PF0 to PF3, PI PJ, and PK), MP pin.
∗3 Each pin of SCK0, RST, PE1/EC/INT2, PI1/PO, PI4/INT1, PI5/SCK1 and PI7/SI1.
∗4 Each pin of CS0, SI0, and PG (for PG and PG5, when CMOS schmitt input is selected.)
∗5 Each pin of PG4 and PG5 (When TTL schmitt input is selected with mask option)
∗6 It specifies only when the external clock is input.
∗7 In case of 3.0 to 3.6V supply voltage (V
DD
).
∗8 In case of 4.5 to 5.5V supply voltage (V
DD
).
Recommended Operating Conditions
(Vss = 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com