Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP87452 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 4Page - Sony Corporation CXP87452 Datasheet HTML 5Page - Sony Corporation CXP87452 Datasheet HTML 6Page - Sony Corporation CXP87452 Datasheet HTML 7Page - Sony Corporation CXP87452 Datasheet HTML 8Page - Sony Corporation CXP87452 Datasheet HTML 9Page - Sony Corporation CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
– 8 –
CXP87452/87460
PPO, RTO data
Data bus
RD (Port C)
Port C direction
Port C data
Input
protection
circuit
IP
(Every bit)
Data bus
RD (Port D)
Port D direction
Port D data
Large
current
12mA
IP
(Every 4 bits)
PD0 to 3
PD4 to 7
PPO0 data
PPO1 data
Data bus
Output becomes active from high
impedance by data writing to port register.
Port A or Port B
RD
Pin
When reset
Circuit format
Port A
Port B
Port B
Port C
Port D
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PA0/PPO000
/PPO100
to
PA7/PPO007
/PPO107
PB4/PPO012
/PPO112
to
PB5/PPO013
/PPO113
10 pins
PB0/PPO008
to
PB3/PPO011
PB6/PPO014
to
PB7/PPO015
6 pins
PC0/PPO016
to
PC2/PPO018
PC3/RTO3
to
PC7/RTO7
8 pins
PD0
to
PD7
8 pins
PPO0 data
Data bus
Output becomes active from high
impedance by data writing to port register.
Port A or Port B
RD
Input/Output Circuit Format for Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com