Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX038DLA Datasheet (PDF) - Sony Corporation

ICX038DLA Datasheet PDF - Sony Corporation
Part # ICX038DLA
Download  ICX038DLA Download
File Size   217.45 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX038DLA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX038DLA Datasheet PDF - Sony Corporation

Part # ICX038DLA
Download  ICX038DLA Click to download

File Size   217.45 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX038DLA Datasheet (HTML) - Sony Corporation


ICX038DLA Product details

Description
The ICX038DLA is an interline CCD solid-state image sensor suitable for EIA black-and-white video cameras with a diagonal 8mm (Type 1/2) system. Smear, sensitivity, D-range, S/N and other characteristics have been greatly improved compared with the ICX038BLA. High sensitivity and low dark current are achieved through the adoption of HAD (Hole-Accumulation Diode) sensors.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
This chip is compatible with and can replace the ICX038BLA.

Features
• Low smear (–20dB compared with the ICX038BLA)
• High sensitivity (+3.0dB compared with the ICX038BLA)
• High D range (+2.5dB compared with the ICX038BLA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Substrate bias: Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse: 5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register: 5V drive




Similar Part No. - ICX038DLA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
More results


Similar Description - ICX038DLA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALL SONY-ICX428ALL Datasheet
27Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com