Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX418ALL Datasheet (PDF) - Sony Corporation

ICX418ALL Datasheet PDF - Sony Corporation
Part # ICX418ALL
Download  ICX418ALL Download
File Size   174.43 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras

ICX418ALL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX418ALL Datasheet PDF - Sony Corporation

Part # ICX418ALL
Download  ICX418ALL Click to download

File Size   174.43 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras

ICX418ALL Datasheet (HTML) - Sony Corporation


ICX418ALL Product details

Description
The ICX418ALL is an interline CCD solid-state image sensor suitable for EIA B/W video cameras with a diagonal 8mm (Type 1/2) system. Compared with the current product ICX038DLA, basic characteristics such as sensitivity, smear, dynamic range and S/N are improved drastically. This chip features a field period readout system and an electronic shutter with variable charge-storage time. This chip is compatible with the pins of the ICX038DLA and has the same drive conditions.

Features
• High sensitivity (+5.0dB compared with the ICX038DLA)
• Low smear (–5.0dB compared with the ICX038DLA)
• High D range (+2.0dB compared with the ICX038DLA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Substrate bias: Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse: 5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register: 5V drive




Similar Part No. - ICX418ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results


Similar Description - ICX418ALL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX429ALL SONY-ICX429ALL Datasheet
178Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX419ALL SONY-ICX419ALL Datasheet
195Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX428ALL SONY-ICX428ALL Datasheet
27Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX419ALB SONY-ICX419ALB Datasheet
215Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX429ALB SONY-ICX429ALB Datasheet
226Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com