Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX248AL Datasheet (PDF) - Sony Corporation

ICX248AL Datasheet PDF - Sony Corporation
Part # ICX248AL
Download  ICX248AL Download
File Size   220.37 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX248AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX248AL Datasheet PDF - Sony Corporation

Part # ICX248AL
Download  ICX248AL Click to download

File Size   220.37 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras

ICX248AL Datasheet (HTML) - Sony Corporation


ICX248AL Product details

Description
The ICX248AL is an interline CCD solid-state image sensor suitable for EIA black-and-white video cameras with a diagonal 8mm (Type 1/2) system. Sensitivity, smear, D-range, S/N and other characteristics from visible light area to near infrared light area, have been greatly improved compared with the ICX038DLA through the adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
This chip is compatible with and can replace the ICX038DLA.

Features
• Sensitivity in the near infrared light area (+12dB compared with the ICX038DLA, λ = 945nm)
• High sensitivity (+9dB compared with the ICX038DLA, without IR cut filter)
• Low smear (–15dB compared with the ICX038DLA)
• High D range (+2dB compared with the ICX038DLA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Substrate bias: Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse: 5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register: 5V drive




Similar Part No. - ICX248AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX248AK SONY-ICX248AK Datasheet
230Kb / 21P
Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results


Similar Description - ICX248AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX039DLB SONY-ICX039DLB Datasheet
202Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX249AL SONY-ICX249AL Datasheet
221Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALL SONY-ICX428ALL Datasheet
27Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com