Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX059CK Datasheet (PDF) - Sony Corporation

ICX059CK Datasheet PDF - Sony Corporation
Part # ICX059CK
Download  ICX059CK Download
File Size   214.98 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera

ICX059CK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX059CK Datasheet PDF - Sony Corporation

Part # ICX059CK
Download  ICX059CK Click to download

File Size   214.98 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera

ICX059CK Datasheet (HTML) - Sony Corporation


ICX059CK Product details

Description
The ICX059CK is an interline CCD solid-state image sensor suitable for PAL color video cameras. Compared with the current product ICX059AK, sensitivity is improved drastically through the adoption of Super HAD CCD technology. High resolution is achieved through the use of Ye, Cy, Mg, and G complementary color mosaic filters.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.

Features
• High sensitivity (+3dB at F5.6, +4dB at F1.2 compared with ICX059AK)
• High resolution, low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Horizontal register: 5V drive
• Reset gate: 5V drive




Similar Part No. - ICX059CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
ICX059CL SONY-ICX059CL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Video Cameras
More results


Similar Description - ICX059CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055BK SONY-ICX055BK Datasheet
210Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX058CK SONY-ICX058CK Datasheet
213Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX259AK SONY-ICX259AK Datasheet
200Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com