Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX554A Datasheet (PDF) - Sony Corporation

ILX554A Datasheet PDF - Sony Corporation
Part # ILX554A
Download  ILX554A Download
File Size   109.08 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader

ILX554A Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX554A Datasheet PDF - Sony Corporation

Part # ILX554A
Download  ILX554A Click to download

File Size   109.08 Kbytes
Page   13 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader

ILX554A Datasheet (HTML) - Sony Corporation


ILX554A Product details

Description

The ILX554A is a rectangular reduction type CCD linear image sensor designed for bar code POS

hand scanner and optical measuring equipment use. A built-in timing generator and clock-drivers ensure single 5V power supply for easy use.



Features

• Number of effective pixels: 2048 pixels

• Pixel size: 14µm ×56µm (14µm pitch)

• Single 5V power supply

• Ultra-high sensitivity

• Built-in timing generator and clock-drivers

• Built-in sample-and-hold circuit

• Maximum clock frequency: 2MHz




Similar Part No. - ILX554A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX554B SONY-ILX554B Datasheet
106Kb / 13P
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
More results


Similar Description - ILX554A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX554B SONY-ILX554B Datasheet
106Kb / 13P
2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com