Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD1135VS Datasheet (PDF) - Sony Corporation

SLD1135VS Datasheet PDF - Sony Corporation
Part # SLD1135VS
Download  SLD1135VS Download
File Size   60.29 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Index-Guided Red Laser Diode

SLD1135VS Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1135VS Datasheet PDF - Sony Corporation

Part # SLD1135VS
Download  SLD1135VS Click to download

File Size   60.29 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Index-Guided Red Laser Diode

SLD1135VS Datasheet (HTML) - Sony Corporation


SLD1135VS Product details

Description
The SLD1135VS is a index-guided red laser diode for Laser pointer. The wavelength is 20nm shorter than SLD1122VS.

Features
• Small astigmatism (7µm typ.)
• Small package (φ5.6mm)
• Single longitudinal mode
• Low operating voltage (2.5V Max)
• Max operating temperature = 40°C (Case temperature)

Applications
    Laser pointer




Similar Part No. - SLD1135VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
More results


Similar Description - SLD1135VS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com