Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD1137VS Datasheet (PDF) - Sony Corporation

SLD1137VS Datasheet PDF - Sony Corporation
Part # SLD1137VS
Download  SLD1137VS Download
File Size   67.72 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Index-Guided Red Laser Diode

SLD1137VS Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1137VS Datasheet PDF - Sony Corporation

Part # SLD1137VS
Download  SLD1137VS Click to download

File Size   67.72 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Index-Guided Red Laser Diode

SLD1137VS Datasheet (HTML) - Sony Corporation


SLD1137VS Product details

Description
The SLD1137VS is an index-guided red laser diode for BCS.
Operating current is 25mA lower than SLD1133VS.

Features
• Small astigmatism (7µm typ.)
• Low operating current (35mA typ.)
• Small package (φ5.6mm)
• Single longitudinal mode

Applications
   Bar code scanner

Structure
• AlGaInP MQW laser diode
• PIN photodiode to monitor laser beam output




Similar Part No. - SLD1137VS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
More results


Similar Description - SLD1137VS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
650nm Index-Guided Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
650nm Index-Guided Red Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
Index-Guided Red Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com