Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9715CGF Datasheet (PDF) - Richtek Technology Corporation

RT9715CGF Datasheet PDF - Richtek Technology Corporation
Part # RT9715CGF
Download  RT9715CGF Download
File Size   338.24 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag

RT9715CGF Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9715CGF Datasheet PDF - Richtek Technology Corporation

Part # RT9715CGF
Download  RT9715CGF Click to download

File Size   338.24 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag

RT9715CGF Datasheet (HTML) - Richtek Technology Corporation


RT9715CGF Product details

General Description
The RT9715 is a cost-effective, low-voltage, single N-MOSFET high-side Power Switch IC for USB application. Low switch-on resistance (typ. 90mΩ) and low supply current (typ. 50uA) are realized in this IC.

Features
● 90mΩ (typ.) N-MOSFET Switch
● Operating Range : 2.7V to 5.5V
● Reverse Blocking Current
● Under Voltage Lockout
● Deglitched Fault Report (FLG)
● Thermal Protection with Foldback
● Over Current Protection
● Short Circuit Protection
● UL Approved−E219878
● Nemko Approved−NO49621
● RoHS Compliant and Halogen Free

Applications
● USB Peripherals
● Notebook PCs




Similar Part No. - RT9715CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715CGF RICHTEK-RT9715CGF Datasheet
338Kb / 15P
Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715CGF RICHTEK-RT9715CGF Datasheet
240Kb / 12P
Reverse Blocking Current
More results


Similar Description - RT9715CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
90m(ohm), 1.5A High-Side Power Switches with Flag
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com