Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD301B Datasheet (PDF) - Sony Corporation

SLD301B Datasheet PDF - Sony Corporation
Part # SLD301B
Download  SLD301B Download
File Size   63.87 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Block-type 100mW High Power Laser Diode

SLD301B Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD301B Datasheet PDF - Sony Corporation

Part # SLD301B
Download  SLD301B Click to download

File Size   63.87 Kbytes
Page   7 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Block-type 100mW High Power Laser Diode

SLD301B Datasheet (HTML) - Sony Corporation


SLD301B Product details

Description
The SLD301B is a high power laser diode mounted on a 3 × 3 × 5mm Copper block.
It is ideal for applications which require a minimal distance between the laser facet and external optical parts.

Features
• Compact size 3 × 3 × 5mm block
• High power output Po = 100mW
• Hole for thermistor

Applications
• Solid state laser excitation
• Medical use




Similar Part No. - SLD301B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
100mW High Power Laser Diode
SLD301WT SONY-SLD301WT Datasheet
151Kb / 7P
100mW HIGH POWER LASER DIODE
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
100mW High Power Laser Diode
More results


Similar Description - SLD301B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD301V SONY-SLD301V Datasheet
66Kb / 7P
100mW High Power Laser Diode
SLD301WT SONY-SLD301WT Datasheet
151Kb / 7P
100mW HIGH POWER LASER DIODE
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
100mW High Power Laser Diode
SLD302B SONY-SLD302B Datasheet
63Kb / 7P
Block-type 200mW High Power Laser Diode
SLD303B SONY-SLD303B Datasheet
116Kb / 6P
BLOCK-TYPE 500mW HIGH POWER LASER DIODE
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com