Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD301B Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD301B
Description  Block-type 100mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD301B Datasheet(HTML) 3 Page - Sony Corporation

  SLD301B Datasheet HTML 1Page - Sony Corporation SLD301B Datasheet HTML 2Page - Sony Corporation SLD301B Datasheet HTML 3Page - Sony Corporation SLD301B Datasheet HTML 4Page - Sony Corporation SLD301B Datasheet HTML 5Page - Sony Corporation SLD301B Datasheet HTML 6Page - Sony Corporation SLD301B Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
SLD301B
Example of Representative Characteristics
Optical power output vs. Forward current
IF – Forward current [mA]
0
250
500
0
100
200
Tc = –10°C
Tc = 0°C
Tc = 25°C
Tc = 50°C
Threshold current vs. Temperature characteristics
Tc – Case temperature [°C]
–10
0
10
20
30
40
50
100
500
1000
Power dependence of far field pattern
Angle [degree]
–30
–20
–10
0
10
20
30
Tc = 25°C
PO = 90mW
PO = 60mW
PO = 30mW
Power dependence of near field pattern
50µm
Tc = 25°C
PO = 90mW
PO = 75mW
PO = 50mW
PO = 25mW
Oscillation wavelength vs. Temperature characteristics
Tc – Case temperature [°C]
–10
0
10
20
30
40
50
780
790
830
820
810
800
PO = 90mW
Differential efficiency vs. Temperature characteristics
Tc – Case temperature [°C]
–10
0
50
40
30
20
10
0
0.5
1.0
1.5
(Parallel to junction)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com