Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD301B Datasheet(PDF) 4 Page - Sony Corporation

Part # SLD301B
Description  Block-type 100mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD301B Datasheet(HTML) 4 Page - Sony Corporation

  SLD301B Datasheet HTML 1Page - Sony Corporation SLD301B Datasheet HTML 2Page - Sony Corporation SLD301B Datasheet HTML 3Page - Sony Corporation SLD301B Datasheet HTML 4Page - Sony Corporation SLD301B Datasheet HTML 5Page - Sony Corporation SLD301B Datasheet HTML 6Page - Sony Corporation SLD301B Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
– 4 –
SLD301B
Power dependence of polarization ratio
Po – Optical power output [mW]
0
20
40
60
80
100
120
0
10
30
20
40
Tc = 25
°C
0.1
0.5
1.0
5.0
10
Pulse width [
µs]
0.1
1.0
5.0
0.5
10
50
100
Duty = 10%
TC = 23
°C
CW
0
1.0
3.0
2.0
1.5
0.5
2.5
Optical power output vs. Operating current
Iop – Operating current [A]
0
1.0
2.0
0.5
1.5
2.5
Pulse width = 1
µs
Duty = 10%
Tc = 23
°C
PULSE
CW
Pulse width dependence of COD∗ power
∗ COD (Catastrophic Optical Damage)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com