Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49F102 Datasheet (PDF) - Winbond

W49F102 Datasheet PDF - Winbond
Part # W49F102
Download  W49F102 Download
File Size   277.65 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 CMOS FLASH MEMORY

W49F102 Datasheet (PDF)

Go To PDF Page Download Datasheet
W49F102 Datasheet PDF - Winbond

Part # W49F102
Download  W49F102 Click to download

File Size   277.65 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 CMOS FLASH MEMORY

W49F102 Datasheet (HTML) - Winbond


W49F102 Product details

GENERAL DESCRIPTION
The W49F102 is a 1-megabit, 5-volt only CMOS flash memory organized as 64K ´ 16 bits. The device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is not required. The unique cell architecture of the W49F102 results in fast program/erase operations with extremely low current consumption (compared to other comparable 5-volt flash memory products). The device can also be programmed and erased using standard EPROM programmers.

FEATURES
· Single 5-volt operations:
   - 5-volt Read
   - 5-volt Erase
   - 5-volt Program
· Fast Program operation:
   - Word-by-Word programming: 50 mS (max.)
· Fast Erase operation: 100 mS (typ.)
· Fast Read access time: 40/45 nS
· Endurance: 10K cycles (typ.)
· Ten-year data retention
· Hardware data protection
· 8K word Boot Block with Lockout protection
· Low power consumption
   - Active current: 25 mA (typ.)
   - Standby current: 20 mA (typ.)
· Automatic program and erase timing with internal VPP generation
· End of program or erase detection
   - Toggle bit
   - Data polling
· Latched address and data
· TTL compatible I/O
· JEDEC standard word-wide pinouts
· Available packages: 40-pin TSOP and 44-pin PLCC




Similar Part No. - W49F102

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W49F102

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
64K X 8 CMOS FLASH MEMORY
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
128K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
64K X 16 CMOS 3.3V FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
512K 64K x 8 3-volt Only CMOS Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
64K 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
64K 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
64K x 16 MRAM Memory
Rev. 8.3 3/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com