Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49F201 Datasheet (PDF) - Winbond

W49F201 Datasheet PDF - Winbond
Part # W49F201
Download  W49F201 Download
File Size   267.48 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 16 CMOS FLASH MEMORY

W49F201 Datasheet (PDF)

Go To PDF Page Download Datasheet
W49F201 Datasheet PDF - Winbond

Part # W49F201
Download  W49F201 Click to download

File Size   267.48 Kbytes
Page   23 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128K X 16 CMOS FLASH MEMORY

W49F201 Datasheet (HTML) - Winbond


W49F201 Product details

GENERAL DESCRIPTION
The W49F201 is a 2-megabit, 5-volt only CMOS flash memory organized as 128K x 16 bits. The device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is not required. The unique cell architecture of the W49F201 results in fast program/erase operations with extremely low current consumption (compared to other comparable 5-volt flash memory products). The device can also be programmed and erased using standard EPROM programmers.

FEATURES
• Single 5-volt operations:
    - 5-volt Read/Erase/Program
• Fast Program operation:
    - Word-by-Word programming: 50 mS (max.)
• Fast Erase operation: 60 mS (typ.)
• Fast Read access time: 45/55 nS
• Endurance: 1K/10K cycles (typ.)
• Ten-year data retention
• Hardware data protection
• Sector configuration
    - One 8K words boot block with lockout protection
    - Two 8K words parameter blocks
    - One 104K words (208K bytes) Main Memory Array Blocks
• Low power consumption
    - Active current: 25 mA (typ.)
    - Standby current: 20 mA (typ.)
• Automatic program and erase timing with internal VPP generation
• End of program or erase detection
    - Toggle bit
    - Data polling
• Latched address and data
• TTL compatible I/O
• JEDEC standard word-wide pinouts
• Available packages: 44-pin SOP, 48-pin TSOP




Similar Part No. - W49F201

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W49F201

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
logo
Intel Corporation
28F010 INTEL-28F010 Datasheet
405Kb / 30P
1024K (128K x 8) CMOS FLASH MEMORY
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com