Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49L102 Datasheet (PDF) - Winbond

W49L102 Datasheet PDF - Winbond
Part # W49L102
Download  W49L102 Download
File Size   252.34 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 CMOS 3.3V FLASH MEMORY

W49L102 Datasheet (PDF)

Go To PDF Page Download Datasheet
W49L102 Datasheet PDF - Winbond

Part # W49L102
Download  W49L102 Click to download

File Size   252.34 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 16 CMOS 3.3V FLASH MEMORY

W49L102 Datasheet (HTML) - Winbond


W49L102 Product details

GENERAL DESCRIPTION
The W49L102 is a 1-megabit, 3.3-volt only CMOS flash memory organized as 64K x 16 bits. The device can be programmed and erased in-system with a standard 3.3V power supply. A 12-volt VPP is not required. The unique cell architecture of the W49L102 results in fast program/erase operations with extremely low current consumption (compared to other comparable 3.3-volt flash memory products). The device can also be programmed and erased using standard EPROM programmers.

FEATURES
• Single 3.3-volt operations:
    - 3.3-volt Read
    - 3.3-volt Erase
    - 3.3-volt Program
• Fast Program operation:
    - Word-by-Word programming: 50 mS (max.)
• Fast Erase operation: 100 mS (typ.)
• Fast Read access time: 55/70/90 nS
• Endurance: 1K/10K cycles (typ.)
• Twenty-year data retention
• Hardware data protection
• 8K word Boot Block with Lockout protection
• Low power consumption
    - Active current: 15 mA (typ.)
    - Standby current: 10 mA (typ.)
• Automatic program and erase timing with internal VPP generation
• End of program or erase detection
    - Toggle bit
    - Data polling
• Latched address and data
• TTL compatible I/O
• JEDEC standard word-wide pinouts
• Available packages: 40-pin TSOP and 44-pin PLCC




Similar Part No. - W49L102

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49L201S-70 WINBOND-W49L201S-70 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49L201S-90 WINBOND-W49L201S-90 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49L201T-70 WINBOND-W49L201T-70 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49L201T-90 WINBOND-W49L201T-90 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W49L102

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
64K X 8 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
64K X 16 CMOS FLASH MEMORY
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
128K X 16 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
logo
Winbond
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
64K 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
64K 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
64K x 16 MRAM Memory
Rev. 8.3 3/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com