Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8C Datasheet (PDF) - ATMEL Corporation

SAM4S8C Datasheet PDF - ATMEL Corporation
Part # SAM4S8C
Download  SAM4S8C Download
File Size   638.72 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

SAM4S8C Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM4S8C Datasheet PDF - ATMEL Corporation

Part # SAM4S8C
Download  SAM4S8C Click to download

File Size   638.72 Kbytes
Page   67 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

SAM4S8C Datasheet (HTML) - ATMEL Corporation


SAM4S8C Product details

Description
The ARM926EJ-S based SAM9G45 features the frequently demanded combination of user interface functionality and high data rate connectivity, including LCD Controller, resistive touch-screen, camera interface, audio, Ethernet 10/100 and high speed USB and SDIO. With the processor running at 400 MHz and multiple 100+ Mbps data rate peripherals, the SAM9G45 has the performance and bandwidth to the network or local storage media to provide an adequate user experience.

Features
• 400 MHz ARM926EJ-S™ ARM® Thumb® Processor
    – 32 Kbytes Data Cache, 32 Kbytes Instruction Cache, MMU
• Memories
    – DDR2 Controller 4-bank DDR2/LPDDR, SDRAM/LPSDR
    – External Bus Interface supporting 4-bank DDR2/LPDDR, SDRAM/LPSDR, Static Memories, CompactFlash, SLC NAND Flash with ECC
    – One 64-Kbyte internal SRAM, single-cycle access at system speed or processor speed through TCM interface
    – One 64-Kbyte internal ROM, embedding bootstrap routine
• Peripherals
    – LCD Controller supporting STN and TFT displays up to 1280*860
    – ITU-R BT. 601/656 Image Sensor Interface
    – USB Device High Speed, USB Host High Speed and USB Host Full Speed with On-Chip Transceiver
    – 10/100 Mbps Ethernet MAC Controller
    – Two High Speed Memory Card Hosts (SDIO, SDCard, MMC)
    – AC97 controller
    – Two Master/Slave Serial Peripheral Interfaces
    – Two Three-channel 16-bit Timer/Counters
    – Two Synchronous Serial Controllers (I2S mode)
    – Four-channel 16-bit PWM Controller
    – Two Two-wire Interfaces
    – Four USARTs with ISO7816, IrDA, Manchester and SPI modes
    – 8-channel 10-bit ADC with 4-wire Touch Screen support
    – Write Protected Registers
• System
    – 133 MHz twelve 32-bit layer AHB Bus Matrix
    – 37 DMA Channels
    – Boot from NAND Flash, SDCard, DataFlash® or serial DataFlash
    – Reset Controller with on-chip Power-on Reset
    – Selectable 32768 Hz Low-power and 12 MHz Crystal Oscillators
    – Internal Low-power 32 kHz RC Oscillator
    – One PLL for the system and one 480 MHz PLL optimized for USB High Speed
    – Two Programmable External Clock Signals
    – Advanced Interrupt Controller and Debug Unit
    – Periodic Interval Timer, Watchdog Timer, Real Time Timer and Real Time Clock
• I/O
    – Five 32-bit Parallel Input/Output Controllers
    – 160 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os with Schmitt trigger input
• Package
    – 324-ball TFBGA, pitch 0.8 mm




Similar Part No. - SAM4S8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4S ATMEL-SAM4S Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
More results


Similar Description - SAM4S8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
ARM-based Flash MCU
11-Feb-14
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com