Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 2Page - ATMEL Corporation SAM4S8C Datasheet HTML 3Page - ATMEL Corporation SAM4S8C Datasheet HTML 4Page - ATMEL Corporation SAM4S8C Datasheet HTML 5Page - ATMEL Corporation SAM4S8C Datasheet HTML 6Page - ATMEL Corporation SAM4S8C Datasheet HTML 7Page - ATMEL Corporation SAM4S8C Datasheet HTML 8Page - ATMEL Corporation SAM4S8C Datasheet HTML 9Page - ATMEL Corporation SAM4S8C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Figure 2-3.
SAM4SD32/SD16/SA16 100-pin version Block Diagram
PLLA
TST
PCK0-PCK2
XIN
NRST
VDDCORE
XOUT
WDT
RTT
OSC 32k
XIN32
XOUT32
SUPC
RSTC
8 GPBREG
3-20 MHz
Osc.
POR
RTC
RC 32k
SM
RC
12/8/4 M
ERASE
I
D
Voltage
Regulator
SPI
TC[0..2]
DAC
ADVREF
PDC
NPCS0
PIODCCLK
PIODCEN1
PIODCEN2
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
MCDA[0..3]
MCCDA
MCCK
TCLK[0:2]
Temp. Sensor
PDC
TWI0
PDC
TWD0
PWM
PDC
TF
TK
TD
RD
RK
RF
DDP
DDM
MPU
N
V
I
C
24-Bit
SysTick Counter
4-layer AHB Bus Matrix Fmax 120 MHz
TWI1
PDC
TWCK1
TWD1
PWMH[0:3]
PWML[0:3]
PWMFI0
PDC
UART0
UART1
URXD0
UTXD0
URXD1
UTXD1
SSC
Peripheral
Bridge
PDC
PIO
PDC
PDC
2668
Bytes
FIFO
USB 2.0
Full
Speed
VDDPLL
VDDIO
PDC
RXD0
TXD0
USART0
SCK0
RTS0
CTS0
Analog
Comparator
CRC Unit
ADC
PLLB
In-Circuit Emulator
JTAG & Serial Wire
Flash
Unique
Identifier
PMC
PIOA / PIOB / PIOC
ADTRG
Cortex-M4 Processor
Fmax 120 MHz
Timer Counter A
Timer Counter B
TWCK0
FLASH
2*1024 KBytes
2*512 KBytes
1024 KBytes
SRAM
160 KBytes
ROM
16 KBytes
DSP
CMCC
(2 KB cache)
External Bus
Interface
D[7:0]
PIODC[7:0]
A[0:23]
A21/NANDALE
A22/NANDCLE
NCS0
NCS1
NCS2
NCS3
NRD
NWE
NANDOE
NANDWE
NWAIT
High Speed MCI
PDC
DATRG
PDC
DAC0
DAC1
TC[3..5]
TIOA[3:5]
TIOB[3:5]
TIOA[0:2]
TIOB[0:2]
TCLK[3:5]
AD[0..14]
PDC
RXD1
TXD1
USART1
SCK1
RTS1
CTS1
DSR1
DTR1
RI1
DCD1
NAND Flash
Logic
Static Memory
Controller
ADC
DAC
Temp Sensor
ADVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com