Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8C Datasheet(PDF) 33 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 29Page - ATMEL Corporation SAM4S8C Datasheet HTML 30Page - ATMEL Corporation SAM4S8C Datasheet HTML 31Page - ATMEL Corporation SAM4S8C Datasheet HTML 32Page - ATMEL Corporation SAM4S8C Datasheet HTML 33Page - ATMEL Corporation SAM4S8C Datasheet HTML 34Page - ATMEL Corporation SAM4S8C Datasheet HTML 35Page - ATMEL Corporation SAM4S8C Datasheet HTML 36Page - ATMEL Corporation SAM4S8C Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
9.
Memories
9.1
Embedded Memories
9.1.1
Internal SRAM
The SAM4SD32 device (2x1024 Kbytes) embeds a total of 160-Kbytes high-speed SRAM.
The SAM4SD16 device (2x512Kbytes)embeds a total of 160-Kbytes high-speed SRAM.
The SAM4SA16 device (1024 Kbytes) embeds a total of 160-Kbytes high-speed SRAM.
The SAM4S16 device (1024 Kbytes) embeds a total of 128-Kbytes high-speed SRAM.
The SAM4S8 device (512 Kbytes) embeds a total of 128-Kbytes high-speed SRAM.
The SRAM is accessible over System Cortex-M4 bus at address 0x2000 0000.
The SRAM is in the bit band region. The bit band alias region is from 0x2200 0000 to
0x23FF FFFF.
9.1.2
Internal ROM
The SAM4S embeds an Internal ROM, which contains the SAM Boot Assistant (SAM-BA
®), In
Application Programming routines (IAP) and Fast Flash Programming Interface (FFPI).
At any time, the ROM is mapped at address 0x0080 0000.
9.1.3
Embedded Flash
9.1.3.1
Flash Overview
The memory is organized in sectors. Each sector has a size of 64 Kbytes. The first sector of 64
Kbytes is divided into 3 smaller sectors.
The three smaller sectors are organized to consist of 2 sectors of 8 Kbytes and 1 sector of 48
Kbytes. Refer to Figure 9-1, "Global Flash Organization" below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com