Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8C Datasheet(PDF) 47 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button SAM4S8C Datasheet HTML 43Page - ATMEL Corporation SAM4S8C Datasheet HTML 44Page - ATMEL Corporation SAM4S8C Datasheet HTML 45Page - ATMEL Corporation SAM4S8C Datasheet HTML 46Page - ATMEL Corporation SAM4S8C Datasheet HTML 47Page - ATMEL Corporation SAM4S8C Datasheet HTML 48Page - ATMEL Corporation SAM4S8C Datasheet HTML 49Page - ATMEL Corporation SAM4S8C Datasheet HTML 50Page - ATMEL Corporation SAM4S8C Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
47
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
• Write Protect Registers
• Programmable Schmitt trigger inputs
• Parallel capture mode
– Can be used to interface a CMOS digital image sensor, an ADC....
– One clock, 8-bit parallel data and two data enable on I/O lines
– Data can be sampled one time out of two (for chrominance sampling only)
– Supports connection of one Peripheral DMA Controller channel (PDC) which offers
buffer reception without processor intervention
10.15 Peripheral Identifiers
Table 10-3 defines the Peripheral Identifiers of the SAM4S. A peripheral identifier is required for
the control of the peripheral interrupt with the Nested Vectored Interrupt Controller and control of
the peripheral clock with the Power Management Controller.
Table 10-3.
Peripheral Identifiers
Instance ID
Instance Name
NVIC Interrupt
PMC
Clock Control
Instance Description
0SUPC
X
Supply Controller
1RSTC
X
Reset Controller
2RTC
X
Real Time Clock
3RTT
X
Real Time Timer
4WDT
X
Watchdog Timer
5PMC
X
Power Management Controller
6EEFC0
X
Enhanced Embedded Flash Controller 0
7EEFC1
-
Enhanced Embedded Flash Controller 1
8UART0
X
X
UART 0
9UART1
X
X
UART 1
10
SMC
X
X
Static Memory Controller
11
PIOA
X
X
Parallel I/O Controller A
12
PIOB
X
X
Parallel I/O Controller B
13
PIOC
X
X
Parallel I/O Controller C
14
USART0
X
X
USART 0
15
USART1
X
X
USART 1
16
-
-
-
Reserved
17
-
-
-
Reserved
18
HSMCI
X
X
Multimedia Card Interface
19
TWI0
X
X
Two Wire Interface 0
20
TWI1
X
X
Two Wire Interface 1
21
SPI
X
X
Serial Peripheral Interface
22
SSC
X
X
Synchronous Serial Controller
23
TC0
X
X
Timer/Counter 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com