Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM4S8C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM4S8C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4S8C Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM4S8C Datasheet HTML 1Page - ATMEL Corporation SAM4S8C Datasheet HTML 2Page - ATMEL Corporation SAM4S8C Datasheet HTML 3Page - ATMEL Corporation SAM4S8C Datasheet HTML 4Page - ATMEL Corporation SAM4S8C Datasheet HTML 5Page - ATMEL Corporation SAM4S8C Datasheet HTML 6Page - ATMEL Corporation SAM4S8C Datasheet HTML 7Page - ATMEL Corporation SAM4S8C Datasheet HTML 8Page - ATMEL Corporation SAM4S8C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
NOTE: This is a summary document.
The complete document is currently not
available. For more information, please
contact your local Atmel sales office.
Features
• Core
– ARM® Cortex®-M4 with a 2Kbytes cache running at up to 120 MHz
– Memory Protection Unit (MPU)
– DSP Instruction Set
–Thumb®-2 instruction set
• Pin-to-pin compatible with SAM3N, SAM3S products (64- and 100- pin versions) and
SAM7S legacy products (64-pin version)
• Memories
– Up to 2048 Kbytes embedded Flash with optional dual bank and cache memory
– Up to 160 Kbytes embedded SRAM
– 16 Kbytes ROM with embedded boot loader routines (UART, USB) and IAP routines
– 8-bit Static Memory Controller (SMC): SRAM, PSRAM, NOR and NAND Flash support
• System
– Embedded voltage regulator for single supply operation
– Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation
– Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure
Detection and optional low-power 32.768 kHz for RTC or device clock
– RTC with Gregorian and Persian Calendar mode, waveform generation in low-
power modes
– RTC clock calibration circuitry for 32.768 kHz crystal frequency compensation
– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default
frequency for device startup. In-application trimming access for frequency
adjustment
– Slow Clock Internal RC oscillator as permanent low-power mode device clock
– Two PLLs up to 240 MHz for device clock and for USB
– Temperature Sensor
– Up to 22 Peripheral DMA (PDC) Channels
• Low Power Modes
– Sleep and Backup Modes, down to 1 µA in Backup Mode
– Ultra low-power RTC
• Peripherals
– USB 2.0 Device: 12 Mbps, 2668 byte FIFO, up to 8 bidirectional Endpoints. On-Chip
Transceiver
– Up to 2 USARTs with ISO7816, IrDA®, RS-485, SPI, Manchester and Modem Mode
– Two 2-wire UARTs
– Up to 2 Two Wire Interface (I2C compatible), 1 SPI, 1 Serial Synchronous Controller
(I2S), 1 High Speed Multimedia Card Interface (SDIO/SD Card/MMC)
– 2 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM
mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper
Motor
– 4-channel 16-bit PWM with Complementary Output, Fault Input, 12-bit Dead Time
Generator Counter for Motor Control
– 32-bit Real-time Timer and RTC with calendar and alarm features
– Up to 16-channel, 1Msps ADC with differential input mode and programmable gain
stage and auto calibration
– One 2-channel 12-bit 1Msps DAC
– One Analog Comparator with flexible input selection, Selectable input hysteresis
– 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)
– Write Protected Registers
• I/O
– Up to 79 I/O lines with external interrupt capability (edge or level sensitivity),
debouncing, glitch filtering and on-die Series Resistor Termination
– Three 32-bit Parallel Input/Output Controllers, Peripheral DMA assisted Parallel
Capture Mode
• Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/ 100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm/
100-ball VFBGA, 7 x 7 mm, pitch 0.65 mm
– 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/ 64-pad QFN 9x9 mm, pitch 0.5 mm
AT91SAM
ARM-based
Flash MCU
SAM4S Series
Preliminary
Summary
11100BS–ATARM–31-Jul-12


Similar Part No. - SAM4S8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4S ATMEL-SAM4S Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
More results

Similar Description - SAM4S8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
ARM-based Flash MCU
11-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com