Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W91510 Datasheet (PDF) - Winbond

W91510 Datasheet PDF - Winbond
Part # W91510
Download  W91510 Download
File Size   453.47 Kbytes
Page   30 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION

W91510 Datasheet (PDF)

Go To PDF Page Download Datasheet
W91510 Datasheet PDF - Winbond

Part # W91510
Download  W91510 Click to download

File Size   453.47 Kbytes
Page   30 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION

W91510 Datasheet (HTML) - Winbond


W91510 Product details

GENERAL DESCRIPTION

The W91510DN series ICs are Si-gate CMOS IC that provide the signals needed for either pulse or tone dialing. They feature a 12/16-digit LCD driver for displaying telephone numbers and calling time. A real time clock is included to display the time of day. The W91510DN series is fabricated using CMOS technology and thus provide good performance in low voltage, low power applications.



FEATURES

• One by 32 digits for redial

• Uses 5 ´ 6 keyboard

• Pause, pulse-to-tone (*/T) can be stored as a digit in memory

• Flash can be stored as a digit in memory when in store mode

• Minimum tone output duration: 87 mS

• Minimum intertone pause: 87 mS

• Tone/pulse mode pin selectable

• Make/break ratio pin selectable

• Dialing rate: 10 ppS

• Pause time: 3.6 Sec.

• Flash break time (73 mS, 100 mS, 300 mS or 600 mS) selectable by keypad

• Built-in 12 or 16-digit LCD driver (1/4 duty, 1/3 bias) selectable by mask option

• Built-in calling timer from [00:00] to [59:59]

• On-chip power-on reset and clear LCD

• Uses 3.579545 MHz TV quartz crystal or ceramic resonator

• Uses 32768 Hz crystal as RTC frequency base

• Packaged in 64-pin plastic QFP with RTC

• Switchable 24-hour clock or 12-hour clock with p.m. mode by keypad

• 0 or 9 dialing inhibition pin for PABX systems or long distance dialing lock out

• On hook debounce: 150 mS in normal mode and 20 mS in lock mode

• Off-hook delay 300 mS in lock mode (DP will keep low for 300 mS while off hook except the first off hook after power on reset that DP will keep high for 100 mS then go low for 200 mS)

• First key-in delay: 300 mS in lock mode

• Mixed dialing allowed



 




Similar Part No. - W91510

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
More results


Similar Description - W91510

ManufacturerPart #DatasheetDescription
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91560DN WINBOND-W91560DN Datasheet
487Kb / 33P
3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
logo
ELAN Microelectronics C...
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
KODENSHI_AUK CORP.
KK91214A KODENSHI-KK91214A Datasheet
1Mb / 11P
Tone/Pulse Dialer with Flash Function
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com