Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM91455 Datasheet (PDF) - ELAN Microelectronics Corp

EM91455 Datasheet PDF - ELAN Microelectronics Corp
Part # EM91455
Download  EM91455 Download
File Size   199.64 Kbytes
Page   24 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION

EM91455 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM91455 Datasheet PDF - ELAN Microelectronics Corp

Part # EM91455
Download  EM91455 Click to download

File Size   199.64 Kbytes
Page   24 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION

EM91455 Datasheet (HTML) - ELAN Microelectronics Corp


EM91455 Product details

GENERAL DESCRIPTION
The EM91455 is a series of tone/pulse switchable dialers that is composed of T/P dialer and T/P dialer with 3 sets memories. The EM91455 provide modern LCD drivers series data output port, which can display modern function operating icons. The EM91455 series provide necessary functions of telephone set for application in any environment, such as Pulse dialing, Tone (DTMF) dialing, Handfree dialing, keying tone ,and lock functions.

FEATURES
• I.P.P. detect function prevents the illegal connect external phone.
• SDO function supports LCD driver and voice synthesizer to indicate dialing numbers and function operating icons.
• Lock function provides conventionality key lock and password lock operations.
• Ring detector is designed to prevent illegal dialing from pocket dialer.
• Line hold function is designed for stopping conversation temporality.
• Tone/Pulse switchable.
• Wide operating voltage from 2.0 V to 5.5 V.
• Low operating current, 0.15 mA (Pulse) and 0.3 mA (Tone) typically.
• Adding resistor on keyboard scan pin that can select many telephone specifications, such as : Pulse rate, M/B ratio, Flash time, lock dialing functions.
• 3-set one touch repertory memory, each one can hold data up to 16 digits.
• A 32-digit LNB (last number) redial memory.
• Keytone function provides rapidly keying recognition.
• Handfree function provides on-hook dialing and speakerphone application.
• Pause and P-T time are fixed to 3.6 seconds.
• Tone duration and inter-tone pause time are fixed to 98 ms.
• Using 3.579545 MHz crystal or ceramic resonator.
• Package forms: PDIP, skinny.




Similar Part No. - EM91455

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450A EMC-EM91450A Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450AP EMC-EM91450AP Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450B EMC-EM91450B Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450BP EMC-EM91450BP Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
More results


Similar Description - EM91455

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com