Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B22 Datasheet (PDF) - Analog Devices

1B22 Datasheet PDF - Analog Devices
Part # 1B22
Download  1B22 Download
File Size   232.63 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable, Isolated Voltage-to-Current Converter

1B22 Datasheet (PDF)

Go To PDF Page Download Datasheet
1B22 Datasheet PDF - Analog Devices

Part # 1B22
Download  1B22 Click to download

File Size   232.63 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable, Isolated Voltage-to-Current Converter

1B22 Datasheet (HTML) - Analog Devices


1B22 Product details

GENERAL DESCRIPTION

The 1B22 is an isolated voltage-to-current converter that incorporates transformer isolation to achieve high performance and automated surface mount manufacturing for low cost and increased reliability. Designed for industrial applications, it is especially suited for harsh environments with extremely high common-mode interference. With programmable inputs and outputs, the 1B22 provides an unbeatable combination of versatility and performance in a compact plastic package.

Functionally, the V/I converter consists of four basic sections: input conditioning, modulator/demodulator, isolated loop supply and current source (Figure 1). The 1B22 is pin programmable for 0 V to +5 V or 0 V to +10 V inputs and 0 to 20 mA or 4 to 20 mA outputs using an internal resistor network. It can also be set by an external resistor to accept 0 V to +1 V to 0 V to +10 V inputs. Transformer coupling provides 1500 V rms galvanic isolation between the inputs and the current loop. Nonlinearity is an excellent ±0.05% max.



FEATURES

  Internal Isolated Loop Supply Drives 1000 Ω Load

  Pin Programmable Inputs: 0 V to +5 V or 0 V to +10 V

  Pin Programmable Outputs: 4 to 20 mA or 0 to 20 mA

  High CMV Isolation: 1500 V RMS

  Normal-Mode Output Protection: 240 V RMS

  High Accuracy

     Low Offset Tempco: ±300 nA/°C

     Low Gain Tempco: ±50 ppm/°C

     Low Nonlinearity: ±0.02%

     High CMR: 90 dB min

  Small Package: 1.0" x 2.10" x 0.35"

  Meets IEEE STD 472: CMV Transient Protection (SWC)



APPLICATIONS

  Multichannel Process Control

  D/A Converter—Current Loop Interface

  Analog Transmitters and Controllers

  Remote Data Acquisition Systems



 




Similar Part No. - 1B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
More results


Similar Description - 1B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
High Performance, Isolated Voltage-to-Current Converter
2B23 ETC1-2B23 Datasheet
29Kb / 1P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
High performance, Isolated Voltage-to-current Converter
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
2B22 AD-2B22_15 Datasheet
1Mb / 4P
HIGH PERGORMANCE ISOLATED VOLTAGE TO CURRENT CONVERTER
2B23 AD-2B23_15 Datasheet
2Mb / 4P
PROGRAMMABLE OUTPUT ISOLATED VOLTATGE TO CURRENT CONVERTER
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com