Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B22 Datasheet(PDF) 4 Page - Analog Devices

Part # 1B22
Description  Programmable, Isolated Voltage-to-Current Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B22 Datasheet(HTML) 4 Page - Analog Devices

  1B22 Datasheet HTML 1Page - Analog Devices 1B22 Datasheet HTML 2Page - Analog Devices 1B22 Datasheet HTML 3Page - Analog Devices 1B22 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1B22
REV. B
–4–
Synchronizing Multiple 1B22s: In applications where mul-
tiple 1B22s are used in close proximity, radiated individual
oscillator frequencies may cause “beat frequency” related out-
put errors. These errors can be eliminated by driving the SYNC
pins of all the units with a 40 kHz clock circuit at 50% duty
cycle (Figure 5). The SYNC input typically has an input imped-
ance of 150 k
Ω 180 pF.
Figure 5. Multiple 1B22s’ Synchronization
Loop Supply Requirements: The 1B22 design allows flexible
loop supply options. The loop supply voltage required for any
value of load resistance can be calculated from the following
equation:
VLOOP
=
2RL
+ 780
106
This value allows for approximately 10% overrange capability.
The graph in Figure 6 shows the relationship between supply
voltage and load resistance.
Figure 6. Loop Supply vs. Load
APPLICATIONS
Isolated D/A Converter: The 1B22 offers total ground isola-
tion and protection from high voltage transients in interfacing
D/A converters to standard 4 to 20 mA current loops. The D/A
converter, such as the Analog Devices’ 12-bit AD7245
DACPORT®, should be connected for operation on the unipo-
lar 0 V to +10 V output range. This is shown in Figure 7.
Figure 7. D/A Converter–Isolated 4-20 mA Interface
Pressure Transmitter: In Figure 8, the 1B22 is used in a
pressure transmitter application to provide complete input-
output isolation and avoid signal errors due to ground loop cur-
rents. The process pressure is monitored with a strain gage type
pressure transducer interfaced by the Analog Devices’ 1B32
transducer signal conditioner. The high level voltage output of
the 1B32 is converted to the isolated 4 to 20 mA current for
transmission to a remote recorder or indicator.
Figure 8. Isolated Pressure Transmitter
DACPORT is a registered trademark of Analog Devices, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com