Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1B22 Datasheet(PDF) 2 Page - Analog Devices

Part # 1B22
Description  Programmable, Isolated Voltage-to-Current Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B22 Datasheet(HTML) 2 Page - Analog Devices

  1B22 Datasheet HTML 1Page - Analog Devices 1B22 Datasheet HTML 2Page - Analog Devices 1B22 Datasheet HTML 3Page - Analog Devices 1B22 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV. B
–2–
1B22–SPECIFICATIONS (typical @ +25 C and V
S =
15 V, VLOOP = +24 V, unless otherwise noted)
Model
1B22AN
INPUT SPECIFICATIONS
Factory Calibrated, User Selectable
0 V to +5 V, 0 V to +10 V
Input Impedance
0 V to +10 V Input Range
50 k
Ω
0 V to +5 V Input Range
25 k
Ω
OUTPUT SPECIFICATIONS
Current Output Range, User Selectable
4 to 20 mA, 0 to 20 mA
Load Compliance Range, VLOOP = +15 V
8 V min
Load Compliance Range, VLOOP = +28 V
20 V min
Maximum Output Current @ Input Overload
30 mA
Output Noise, 100 Hz Bandwidth
300 nA p-p
NONLINEARITY (% of Span)
±0.02% (±0.05% max)
ISOLATION
CMV, Input to Output Continuous
1500 V rms max
CMR, @ 60 Hz
90 dB min
Normal-Mode Output Protection
240 V rms Continuous
CMV Transient Protection
IEEE-STD 472 (SWC)
ACCURACY
Warm-Up Time to Rated Performance
5 min
Total Output Error @ +25
°C
Offset (VIN = 0 V)
±60 µA
Span (VIN = +10 V)
±0.7% Full Scale
vs. Temperature (–25
°C to +85°C)
Offset
±300 nA/°C
Span
±50 ppm/°C
DYNAMIC RESPONSE
Settling Time to 0.1% of FS for 10 V Step
9 ms
Small Signal Bandwidth
400 Hz
POWER SUPPLY
Bipolar Input Supplies
Operating Voltage
±15 V ± 5%
Quiescent Current
±7.5 mA
Power Supply Rejection
±0.01%/V
Loop Supply
Operating Voltage
+14 V to +30 V
Operating Current, at Full-Scale Output
25 mA
Loop Supply Rejection
±0.005%/V
ENVIRONMENTAL
Temperature Range
Rated Performance
–25
°C to +85°C
Operating
–40
°C to +85°C
Storage
–40
°C to +85°C
Relative Humidity, Noncondensing
0 to 95% @ 60
°C
CASE SIZE
1.0"
× 2.1" × 0.35"
Specifications subject to change without notice.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AC1225 MATING SOCKET
PIN DESIGNATIONS
Pin
Function
11
OUT HI
16
IN2
17
IN1
18
S. NODE
19
4 mA OFFSET
20
+15 V
21
ANA COM
22
–15 V
23
SYNC
24
VLOOP
25
POWER COM
38
OUT LO



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com